Part Number Hot Search : 
MMSZ5248 NZGL00 CAP202AS 4HC15 Z10L151 H52115 CY7C133 9102C
Product Description
Full Text Search
 

To Download 2SB1605A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1605, 2SB1605A
Silicon PNP epitaxial planar type
For low-freauency power amplification
s Features
q q q
Unit: mm
High forward current transfer ratio hFE which has satisfactory linearity Low collector to emitter saturation voltage VCE(sat) Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw (TC=25C)
Ratings -60 -80 -60 -80 -5 -5 -3 35 2 150 -55 to +150 Unit
4.60.2 3.20.1 9.90.3 2.90.2
Parameter Collector to base voltage Collector to 2SB1605 2SB1605A 2SB1605
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
4.10.2 8.00.2 Solder Dip
s Absolute Maximum Ratings
15.00.3
3.00.2
13.7-0.2
+0.5
V
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
emitter voltage 2SB1605A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
7
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SB1605 2SB1605A 2SB1605 2SB1605A 2SB1605 2SB1605A
(TC=25C)
Symbol ICES ICEO IEBO VCEO hFE1* hFE2 VBE VCE(sat) fT ton tstg tf IC = -1A, IB1 = - 0.1A, IB2 = 0.1A Conditions VCE = -60V, VBE = 0 VCE = -80V, VBE = 0 VCE = -30V, IB = 0 VCE = -60V, IB = 0 VEB = -5V, IC = 0 IC = -30mA, IB = 0 VCE = -4V, IC = -1A VCE = -4V, IC = -3A VCE = -4V, IC = -3A IC = -3A, IB = - 0.375A VCE = -10V, IC = - 0.5A, f = 10MHz 30 0.5 1.2 0.3 -60 -80 70 10 -1.8 -1.2 V V MHz s s s 250 min typ max -200 -200 -300 -300 -1 Unit A A mA V
Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h FE1
Rank classification
Q 70 to 150 P 120 to 250
Rank hFE1
1
Power Transistors
PC -- Ta
50 -6 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C -5
2SB1605, 2SB1605A
IC -- VCE
-10 VCE=-4V
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (A)
IB=-100mA -4 -80mA -60mA -3 -40mA -30mA -20mA
30
Collector current IC (A)
40
-8
-6 25C TC=100C -4 -25C
(1) 20
-2
10 (3) (4) 0 0 20 40 60
(2)
-1 -16mA 0 -2 -4 -6 -8
-12mA -8mA -4mA
-2
0 80 100 120 140 160
0 -10 -12 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=10 -30 -10 -3 -1 10000
hFE -- IC
10000 VCE=-4V 3000 1000 300 100 30 10 3
fT -- IC
VCE=-5V f=10MHz TC=25C
Forward current transfer ratio hFE
1000 300 100 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 25C
TC=100C -25C
- 0.3 TC=100C -25C 25C - 0.1 - 0.03
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
Transition frequency fT (MHz)
-1 -3 -10
3000
-1
-3
-10
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Rth(t) -- t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SB1605A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X